Part Number Hot Search : 
KBPC3506 ML4016R 8HC71 85012 90FEB TSOP1 2SB16951 LA1883M
Product Description
Full Text Search
 

To Download BAT54W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54W ...AW ...CW ...SW
Schottky-Diodes
Surface mount Schottky-Barrier Double-Diodes Schottky-Barrier Doppel-Dioden fur die Oberflachenmontage
Version 21.01.2004
Power dissipation - Verlustleistung
20.1
0.3
3
200 mW 30 V SOT-323 0.01 g
10.1
1.250.1
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 2
1.3
Dimensions / Mae in mm
Maximum ratings (TA = 25/C) per diode / pro Diode Max. average forward current (dc) Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Repetitive peak reverse voltage Periodische Spitzensperrspannung Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur tp # 10 ms tp # 5 :s IFAV IFRM IFSM IFSM VRRM Tj TS
2.10.1
Grenzwerte (TA = 25/C) BAT54W-series 200 mA 1) 300 mA 1) 1A 8A 30 V 125/C - 55...+ 150/C
Characteristics (Tj = 25/C) Forward voltage - Durchlaspannung )
2
Kennwerte (Tj = 25/C) IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA VF VF VF VF VF IR IR < 240 mV < 320 mV < 400 mV < 500 mV < 650 mV < 2 :A < 3 :A
Leakage current - Sperrstrom 2)
VR = 25 V VR = 30 V
1
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2%
1
Schottky-Diodes
BAT54W ...AW ...CW ...SW
Characteristics (Tj = 25/C) Max. junction Capacitance - Max. Sperrschichtkapazitat VR = 1 Vdc, f = 100 kHz ... 1 MHz Reverse recovery time - Sperrverzug IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA Critical rate of rise of voltage Kritische Spannungsanstiegsgeschwindigkeit Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Outline - Gehause
3
Kennwerte (Tj = 25/C) CT trr dv/dt RthA 10 pF < 5 ns 10000 V/:s 620 K/W 1)
Pinning - Anschlubelegung Single diode - Einzeldiode
Marking - Stempelung BAT54W = L4 or / oder KL1
1
2
1 = A 2 = n.c. 3 = K Double diode, common anode Doppeldiode, gemeins. Anode
3
BAT54AW = 42 or / oder KL2
1
2
1 = K1 2 = K2 3 = A1 / A2 Double diode, common cathode Doppeldiode, gemeins. Katode BAT54CW = 43 or / oder KL3
3
1
2
1 = A1 2 = A2 3 = K1 / K2 Double diode, series connect. Doppeldiode, Reihenschaltung BAT54SW = 44 or / oder KL4
3
1
2
1 = A1 2 = K2 3 = K1 / A2
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu
2


▲Up To Search▲   

 
Price & Availability of BAT54W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X